Part Number Hot Search : 
TC144E PL14P4BD 01S16 100343PC AP01L60 KBJ408G EPSA1 21013
Product Description
Full Text Search
 

To Download 2SD1048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors IC
NPN Epitaxial Planar Silicon Transistors 2SD1048
SOT-23
Unit: mm
+0.1 2.9-0.1 +0.1 0.4-0.1
Ultrasmall package allows miniaturization in end products.
+0.1 2.4-0.1
Large current capacity (IC=0.7A) and low-saturation voltage.
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
Features
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Jumction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 20 15 5 0.7 1.5 200 125 -55 to +125 Unit V V V A A mW
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Symbol IcBO IEBO hFE fT Cob Testconditons VCB = 15V , IE = 0 VEB = 4V , IC = 0 VCE = 2V , IC = 50mA VCE = 10V , IC = 50mA VCB = 10V , f = 1MHz 200 250 8 10 30 25 80 Min Typ Max 0.1 0.1 900 MHz pF mV mV Unit iA iA
VCE(sat) IC = 5mA , IB = 0.5mA VCE(sat) IC = 100mA , IB = 10mA
hFE Classification
Marking hFE X6 200 400 X7 300 600 X8 450 900
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD1048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X